PART |
Description |
Maker |
LT3407 LT3407-2 LTC3548 LTC3548EDD LTC3548EMSE |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator Dual Synchronous,400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
ISL8088 ISL8088IRZ ISL8088IRZ-T |
Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
|
Intersil Corporation
|
EUP3291 |
2.25MHz Synchronous Step-Down DC/DC Regulator
|
Eutech Microelectronics
|
LTC3542EDC-PBF LTC3542EDC-TRPBF LTC3542ES6-PBF LTC |
500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
|
Linear Technology
|
BD90571EFJ-CE2 |
2.69 to 5.5V, 1.2V Output, 2.25MHz Synchronous Step-Down Converter
|
Rohm
|
LTC3564IDCB-PBF LTC3564IDCB-TRPBF LTC3564 LTC3564E |
2.25MHz, 1.25A Synchronous Step-Down Regulator
|
Linear Technology
|
LTC3410 |
2.25MHz/ 300mA Synchronous Step-Down Regulator
|
Linear Technology
|
LTC3548AEDDTRPBF LTC3548AIDDTRPBF |
Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: 10-DFN; Temperature Range: –40°C to 125°C 1.6 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: 10-DFN; Temperature Range: –40°C to 85°C 1.6 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
LTC3542-1 LTC3542EDC-1-PBF LTC3542EDC-1-TRPBF |
500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
|
Linear Technology
|
LTC3406B-2 LTC3406B-2ES5 |
2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
|
http:// LINER[Linear Technology] Linear Technology Corporation
|
LTC3410BESC6-1.875TRMPBF |
2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
|
Linear Technology
|
LTC3406B-2 |
2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
Linear Technology
|
26
|